Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6000 Datasheet(PDF) 52 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 52 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 48Page - Intel Corporation Q6000 Datasheet HTML 49Page - Intel Corporation Q6000 Datasheet HTML 50Page - Intel Corporation Q6000 Datasheet HTML 51Page - Intel Corporation Q6000 Datasheet HTML 52Page - Intel Corporation Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
Land Listing and Signal Descriptions
52
Datasheet
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
A2
VSS
Power/Other
A3
RS2#
Common Clock
Input
A4
D02#
Source Synch Input/Output
A5
D04#
Source Synch Input/Output
A6
VSS
Power/Other
A7
D07#
Source Synch Input/Output
A8
DBI0#
Source Synch Input/Output
A9
VSS
Power/Other
A10
D08#
Source Synch Input/Output
A11
D09#
Source Synch Input/Output
A12
VSS
Power/Other
A13
COMP0
Power/Other
Input
A14
D50#
Source Synch Input/Output
A15
VSS
Power/Other
A16
DSTBN3#
Source Synch Input/Output
A17
D56#
Source Synch Input/Output
A18
VSS
Power/Other
A19
D61#
Source Synch Input/Output
A20
RESERVED
A21
VSS
Power/Other
A22
D62#
Source Synch Input/Output
A23
VCCA
Power/Other
A24
FC23
Power/Other
A25
VTT
Power/Other
A26
VTT
Power/Other
A27
VTT
Power/Other
A28
VTT
Power/Other
A29
VTT
Power/Other
A30
VTT
Power/Other
B1
VSS
Power/Other
B2
DBSY#
Common Clock Input/Output
B3
RS0#
Common Clock
Input
B4
D00#
Source Synch Input/Output
B5
VSS
Power/Other
B6
D05#
Source Synch Input/Output
B7
D06#
Source Synch Input/Output
B8
VSS
Power/Other
B9
DSTBP0#
Source Synch Input/Output
B10
D10#
Source Synch Input/Output
B11
VSS
Power/Other
B12
D13#
Source Synch Input/Output
B13
COMP8
Power/Other
Input
B14
VSS
Power/Other
B15
D53#
Source Synch Input/Output
B16
D55#
Source Synch Input/Output
B17
VSS
Power/Other
B18
D57#
Source Synch Input/Output
B19
D60#
Source Synch Input/Output
B20
VSS
Power/Other
B21
D59#
Source Synch Input/Output
B22
D63#
Source Synch Input/Output
B23
VSSA
Power/Other
B24
VSS
Power/Other
B25
VTT
Power/Other
B26
VTT
Power/Other
B27
VTT
Power/Other
B28
VTT
Power/Other
B29
VTT
Power/Other
B30
VTT
Power/Other
C1
DRDY#
Common Clock Input/Output
C2
BNR#
Common Clock Input/Output
C3
LOCK#
Common Clock Input/Output
C4
VSS
Power/Other
C5
D01#
Source Synch Input/Output
C6
D03#
Source Synch Input/Output
C7
VSS
Power/Other
C8
DSTBN0#
Source Synch Input/Output
C9
BPMb1#
Common
Clock
Input/Output
C10
VSS
Power/Other
C11
D11#
Source Synch Input/Output
C12
D14#
Source Synch Input/Output
C13
VSS
Power/Other
C14
D52#
Source Synch Input/Output
C15
D51#
Source Synch Input/Output
C16
VSS
Power/Other
C17
DSTBP3#
Source Synch Input/Output
C18
D54#
Source Synch Input/Output
C19
VSS
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com