Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 4Page - STMicroelectronics VN771K Datasheet HTML 5Page - STMicroelectronics VN771K Datasheet HTML 6Page - STMicroelectronics VN771K Datasheet HTML 7Page - STMicroelectronics VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical specifications
VN771K
8/33
Doc ID 12534 Rev 4
2
Electrical specifications
2.1
Thermal data
2.2
Absolute maximum ratings
Table 3.
Thermal data
Symbol
Parameter
Value Max
(°C/W)
Rthj-case
Thermal resistance junction-case (high side switch)
20
Rthj-case
Thermal resistance junction-case (low side switch)
20
Rthj-amb
Thermal resistance junction-ambient (with 6 cm2 of Cu heat sink)
See Figure 49
Table 4.
Dual high side switch
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
-0.3
V
-IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
-6
A
IIN
DC input current
±10
mA
ISTAT
DC status current
±10
mA
VESD
Electrostatic discharge (human body model:
R = 1.5K
Ω; C = 100pF)
– Input
– Status
– Output
–VCC
4000
4000
5000
5000
V
V
V
V
Ptot
Power dissipation (TC =25°C)
6
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 5.
Low side switch
Symbol
Parameter
Value
Unit
VDS
Drain source voltage (VIN = 0V)
Internally clamped
V
VIN
Input voltage
Internally clamped
V
IIN
Input current
±20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com