Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 1 Page - STMicroelectronics

  VN771K Datasheet HTML 1Page - STMicroelectronics VN771K Datasheet HTML 2Page - STMicroelectronics VN771K Datasheet HTML 3Page - STMicroelectronics VN771K Datasheet HTML 4Page - STMicroelectronics VN771K Datasheet HTML 5Page - STMicroelectronics VN771K Datasheet HTML 6Page - STMicroelectronics VN771K Datasheet HTML 7Page - STMicroelectronics VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
July 2009
Doc ID 12534 Rev 4
1/33
1
VN771K
Quad smart power solid state relay
for complete H-bridge configurations
Features
■ Suited as low voltage bridge
■ Linear current limitation
■ Very low standby power dissipation
■ Short circuit protected
■ Status flag diagnostic (open drain)
■ Integrated clamping circuits
■ Undervoltage protection
■ ESD protection
Description
The VN771K is a device formed by three
monolithic chips housed in a standard SO-28
package: a double high side and two low side
switches. Both the double high side and low side
switches are made using STMicroelectronics
VIPower™ M0-3 Technology.
This device is suitable to drive a DC motor in a
bridge configuration as well as to be used as a
quad switch for any low voltage application.
The dual high side switches have built-in thermal
shutdown to protect the chips from over
temperature and current limiter blocks to protect
the device from short circuit. Status output is
provided to indicate open load in off and on-state
and over temperature.
The low side switches are two OMNIFET II types
(fully auto protected Power MOSFET in
VIPower™ technology). They have built-in
thermal shutdown, linear current limitation and
overvoltage clamping. Fault feedback for thermal
intervention can be detected by monitoring the
voltage at the input pin.
Type
RDS(on)
IOUT
VCC
VN771K
95 m
Ω(1)
1.
Total resistance of one side in bridge configuration
9A(2)
2.
Typical current limitation value
36 V
SO-28
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-28
VN771K
VN771K13TR
www.st.com


Similar Part No. - VN771K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN771KP-E STMICROELECTRONICS-VN771KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN771K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770P STMICROELECTRONICS-VN770P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN771 STMICROELECTRONICS-VN771 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN772K STMICROELECTRONICS-VN772K Datasheet
305Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
rev. A
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com