Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 19 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 15Page - STMicroelectronics VN771K Datasheet HTML 16Page - STMicroelectronics VN771K Datasheet HTML 17Page - STMicroelectronics VN771K Datasheet HTML 18Page - STMicroelectronics VN771K Datasheet HTML 19Page - STMicroelectronics VN771K Datasheet HTML 20Page - STMicroelectronics VN771K Datasheet HTML 21Page - STMicroelectronics VN771K Datasheet HTML 22Page - STMicroelectronics VN771K Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VN771K
Electrical specifications
Doc ID 12534 Rev 4
19/33
2.7
Electrical characterization for low side switches
Figure 23. Static drain source on resistance
Figure 24. Derating curve
Figure 25. Transconductance
Figure 26. Transfer characteristics
Figure 27. Turn-on current slope (Vin=5V)
Figure 28. Turn-on current slope (Vin=3.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com