Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics VN771K Datasheet HTML 13Page - STMicroelectronics VN771K Datasheet HTML 14Page - STMicroelectronics VN771K Datasheet HTML 15Page - STMicroelectronics VN771K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical specifications
VN771K
12/33
Doc ID 12534 Rev 4
T
j = 25°C, unless otherwise specified.
VINCL
Input-source clamp
voltage
IIN =1mA
IIN =-1mA
6
-1.0
6.8
8
-0.3
V
IDSS
Zero input voltage
drain current
(VIN =0V)
VDS = 13V; VIN =0V; Tj =25°C
VDS = 25V; VIN =0V
--
30
75
µA
Table 13.
On-state
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RDS(on)
Static drain source on
resistance
VIN =5V; ID =7A; Tj = 25°C
VIN =5V; ID =7A
--
35
70
m
Ω
Table 14.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300µs, duty cycle 1.5%
Forward trans
conductance
VDD =13V; ID =7A
-
18
-
S
COSS
Output capacitance
VDS = 13V; f = 1 MHz; VIN = 0V
-
400
-
pF
Table 15.
Switching
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
VDD =15V; ID =7A
Vgen =5V; Rgen = RIN MIN =10Ω
-
80
250
ns
tr
Rise time
-
350
1000
ns
td(off)
Turn-off delay time
-
450
1350
ns
tf
Fall time
-
150
500
ns
td(on)
Turn-on delay time
VDD =15V; ID =7A
Vgen =5V; Rgen =2.2KΩ
-
1.5
4.5
µs
tr
Rise time
-
9.7
30
µs
td(off)
Turn-off delay time
-
9
25
µs
tf
Fall time
-
10.2
30
µs
(dI/dt)on Turn-on current slope
VDD =15V; ID =7A Vgen =5V;
Rgen = RIN MIN =10Ω
-
16
-
A/µs
Qi
Total input charge
VDD =12V; ID =7A; VIN =5V
Igen = 2.13mA
-36.8
-
nC
Table 12.
Off-state (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com