Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 26 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 22Page - STMicroelectronics VN771K Datasheet HTML 23Page - STMicroelectronics VN771K Datasheet HTML 24Page - STMicroelectronics VN771K Datasheet HTML 25Page - STMicroelectronics VN771K Datasheet HTML 26Page - STMicroelectronics VN771K Datasheet HTML 27Page - STMicroelectronics VN771K Datasheet HTML 28Page - STMicroelectronics VN771K Datasheet HTML 29Page - STMicroelectronics VN771K Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Thermal data
VN771K
26/33
Doc ID 12534 Rev 4
4
Thermal data
4.1
SO-28 thermal data
Figure 47. SO-28 PC board
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area = 58mm x 58mm, PCB
thickness = 2mm, Cu thickness = 35µm, Copper areas: from minimum pad layout to 6cm2).
Figure 48. Chipset configuration
Figure 49. Auto and mutual Rthj-amb vs PCB copper area in open box free air
condition(a)
a.
see definitions in Section 5.2 on page 31
LOW SIDE
CHIP
channel 3
RthB
LOW SIDE
CHIP
channel 4
RthC
HIGH SIDE
CHIP
channel 1,2
RthA
RthAB
RthAC
RthBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com