Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 30 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 25Page - STMicroelectronics VN771K Datasheet HTML 26Page - STMicroelectronics VN771K Datasheet HTML 27Page - STMicroelectronics VN771K Datasheet HTML 28Page - STMicroelectronics VN771K Datasheet HTML 29Page - STMicroelectronics VN771K Datasheet HTML 30Page - STMicroelectronics VN771K Datasheet HTML 31Page - STMicroelectronics VN771K Datasheet HTML 32Page - STMicroelectronics VN771K Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
VN771K
30/33
Doc ID 12534 Rev 4
5
Package mechanical data
5.1
SO-28 mechanical data
Figure 53. SO-28 package outline
Table 21.
SO-28 mechanical data
DIM
mm
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45° (typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.393
0.419
e
1.27
0.050
e3
16.51
0.650
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S
8° (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com