Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics VN771K Datasheet HTML 13Page - STMicroelectronics VN771K Datasheet HTML 14Page - STMicroelectronics VN771K Datasheet HTML 15Page - STMicroelectronics VN771K Datasheet HTML 16Page - STMicroelectronics VN771K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VN771K
Electrical specifications
Doc ID 12534 Rev 4
13/33
-40°C < Tj < 150°C, unless otherwise specified.
Table 16.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSD
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD =7A; VIN =0V
-
0.8
-
V
trr
Reverse recovery time
ISD = 7A; dI/dt = 40A/µs
VDD = 30V; L = 200µH
-300
-
ns
Qrr
Reverse recovery
charge
-0.80
-
µC
IRRM
Reverse recovery
current
-5
-
A
Table 17.
Protections
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Ilim
Drain current limit
VIN =5V; VDS =13V
VIN =5V; VDS =13V; Tj =125°C
12
15
18
24
24
A
A
tdlim
Step response current
limit
VIN =5V; VDS = 13V
-
45
-
µs
Tjsh
Over temperature
shutdown
150
175
-
°C
Tjrs
Over temperature
reset
135
-
-
°C
Igf
Fault sink current
VIN = 5V; VDS =13V; Tj =Tjsh
10
15
20
mA
Eas
Single pulse
avalanche energy
starting Tj =25°C; VDD = 24V
VIN =5V; Rgen = RIN MIN =10Ω;
L=24mH
400
-
-
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com