Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 5Page - STMicroelectronics VN771K Datasheet HTML 6Page - STMicroelectronics VN771K Datasheet HTML 7Page - STMicroelectronics VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics VN771K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VN771K
Electrical specifications
Doc ID 12534 Rev 4
9/33
2.3
Electrical characteristics for dual high side switch
8V < VCC< 36V; -40°C < Tj < 150°C, unless otherwise specified.
RIN MIN
Minimum input series impedance
10
Ω
ID
Drain current
Internally limited
A
IR
Reverse DC output current
-15
A
VESD1
Electrostatic discharge (R = 1.5K
Ω, C = 100pF)
4000
V
VESD2
Electrostatic discharge on output pin only (human
body model: R = 330
Ω, C = 150pF)
5000
V
Ptot
Power dissipation (TC = 25°C)
6
W
Tj
Operating junction temperature
Internally limited
°C
Tc
Case operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 5.
Low side switch (continued)
Symbol
Parameter
Value
Unit
Table 6.
Power outputs (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
(1)
1.
Per device.
Operating supply
voltage
5.5
13
36
V
VUSD
(1)
Undervoltage
shutdown
3
4
5.5
V
VOV
(1)
Overvoltage
shutdown
36
-
-
V
RON
On-state
resistance
IOUT =2A; Tj =25°C
IOUT =2A; VCC >8V
--
60
120
m
Ω
m
Ω
IS
(1)
Supply current
Off-state; VCC = 13V; VIN =VOUT =0V
Off-state; VCC = 13V; VIN =VOUT =0V;
Tj =25°C
On-state; VCC = 13V;
-
12
12
5
40
25
7
µA
µA
mA
IL(off1)
Off-state output
current
VIN =VOUT =0V; VCC =36V; Tj = 125°C
0
-
50
µA
IL(off2)
Off-state output
current
VIN =0V; VOUT =3.5V
-75
-
0
µA
IL(off3)
Off-state output
current
VIN =VOUT =0V; VCC = 13V; Tj = 125°C
-
-
5
µA
IL(off4)
Off-state output
current
VIN =VOUT =0V; VCC = 13V; Tj = 25°C
-
-
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com