Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 7Page - STMicroelectronics VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics VN771K Datasheet HTML 13Page - STMicroelectronics VN771K Datasheet HTML 14Page - STMicroelectronics VN771K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VN771K
Electrical specifications
Doc ID 12534 Rev 4
11/33
Note:
To ensure long term reliability under heavy overload or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
2.4
Electrical characteristics for low side switches
-40°C < Tj < 150°C, unless otherwise specified.
tSDL
Status delay in
overload conditions
Tj >TTSD
-
-
20
µs
Ilim
Current limitation
Tj = 125°C
5.5V < VCC <36V
6
8.5
915
15
15
A
A
A
Vdemag
Turn-off output clamp
voltage
IOUT =2A; L=6mH
VCC-41
VCC-48
VCC-55
V
Table 10.
Protections (per each channel) (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 11.
Openload detection (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOL
Openload on-state
detection threshold
VIN = 5V
50
100
200
mA
tDOL(on)
Openload on-state
detection delay
IOUT = 0A
-
-
200
µs
VOL
Openload off-state
voltage detection
threshold
VIN = 0V
1.5
2.5
3.5
V
tDOL(off)
Openload detection
delay at turn-off
-
-
1000
µs
Table 12.
Off-state
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCLAMP
Drain source clamp
voltage
VIN =0V; ID = 7A
40
45
55
V
VCLTH
Drain source clamp
threshold voltage
VIN =0V; ID =2mA
36
-
-
V
VINTH
Input threshold
voltage
VDS =VIN; ID =1mA
0.5
-
2.5
V
IISS
Supply current from
input pin
VDS =0V; VIN = 5V
-
100
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com