Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771K Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN771K
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN771K Datasheet HTML 6Page - STMicroelectronics VN771K Datasheet HTML 7Page - STMicroelectronics VN771K Datasheet HTML 8Page - STMicroelectronics VN771K Datasheet HTML 9Page - STMicroelectronics VN771K Datasheet HTML 10Page - STMicroelectronics VN771K Datasheet HTML 11Page - STMicroelectronics VN771K Datasheet HTML 12Page - STMicroelectronics VN771K Datasheet HTML 13Page - STMicroelectronics VN771K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
VN771K
10/33
Doc ID 12534 Rev 4
Table 7.
Switching (per each channel) (VCC= 13V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
RL =6.5Ω from VIN rising edge
to VOUT =1.3V
-
30
-
µs
td(off)
Turn-off delay time
RL =6.5Ω from VIN falling edge
to VOUT = 11.7V
-
30
-
µs
dVOUT/dt(on)
Turn-on voltage
slope
RL =6.5Ω from VOUT = 1.3V to
VOUT = 10.4V
-
See relative
diagram
-V/µs
dVOUT/dt(off)
Turn-off voltage
slope
RL =6.5Ω from VOUT = 11.7V to
VOUT =1.3V
-
See relative
diagram
-V/µs
Table 8.
Logic input (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
Input low level
-
-
1.25
V
IIL
Low level input current
VIN = 1.25V
1
-
-
µA
VIH
Input high level
3.25
-
-
V
IIH
High level input current VIN = 3.25V
-
-
10
µA
VI(hyst)
Input hysteresis
voltage
0.5
-
-
V
VICL
Input clamp voltage
IIN = 1mA
IIN = -1mA
6
6.8
-0.7
8
V
V
Table 9.
Status pin (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSTAT
Status low output
voltage
ISTAT = 1.6 mA
-
-
0.5
V
ILSTAT
Status leakage current Normal operation; VSTAT = 5V
-
-
10
µA
CSTAT
Status pin input
capacitance
Normal operation; VSTAT = 5V
-
-
100
pF
VSCL
Status clamp voltage
ISTAT = 1mA
ISTAT = -1mA
6
6.8
-0.7
8V
V
Table 10.
Protections (per each channel)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
-
-
°C
Thyst
Thermal hysteresis
7
15
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com