Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7269G Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 26Page - Infineon Technologies AG TLE7269G Datasheet HTML 27Page - Infineon Technologies AG TLE7269G Datasheet HTML 28Page - Infineon Technologies AG TLE7269G Datasheet HTML 29Page - Infineon Technologies AG TLE7269G Datasheet HTML 30Page - Infineon Technologies AG TLE7269G Datasheet HTML 31Page - Infineon Technologies AG TLE7269G Datasheet HTML 32Page - Infineon Technologies AG TLE7269G Datasheet HTML 33Page - Infineon Technologies AG TLE7269G Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
31
Rev. 1.2, 2007-11-13
TLE7269G
Application Information
Figure 18
Simplified application Circuit without Bus Short to GND Feature
N.C.
TxD2
GND
TLE7269G
BUS2
Micro Controller
e.g XC22xx
GND
WK
INH1
V
S
V
Q
GND
INH
V
I
RxD2
W2O
V
Bat
LIN
BUS1
Master Node for
Lin Bus1 &
LIN Bus2
TxD1
RxD1
EN
BUS1
V
IO
INH2
33 nF
100 nF
10 µF
e.g. TLE4678
100 nF
22 µF
100 nF
1 nF
1 nF
1 k
Ω
5 V or 3.3V
ECU1
1 k
Ω
TxD2
GND
TLE7269G
BUS2
Micro Controller
e.g XC22xx
GND
WK
INH1
V
S
V
Q
GND
INH
V
I
RxD2
W2O
Slave Node for
Lin Bus1 &
LIN Bus2
TxD1
RxD1
EN
BUS1
V
IO
INH2
33 nF
100 nF
10 µF
e.g. TLE4678
100 nF
22 µF
100 nF
220 pF
5 V or 3.3V
ECU X
220 pF
LIN
BUS2
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com