| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 17 Page - Infineon Technologies AG |
|
17 / 34 page ![]() Data Sheet 17 Rev. 1.2, 2007-11-13 TLE7269G Functional Description In Stand-By mode the RxD1 pin signals the low power supply condition with a “High” signal. A logical “High” on the EN pin changes the operation mode back to Normal Operation mode. In case the supply voltage V S is dropping below the specified operation range (see Table 5), the TLE7269G disables the output and receiver stages. This feature secures the communication on the LIN bus. If the power supply V S reaches a higher level as the Under-Voltage level VS > VS,UV,BLK the TLE7269G continues with normal operation. A mode change only applies if the power supply V S drops below the power on reset level (VS < V S,UV,PON). If the power supply V IO drops below the Under-Voltage level VIO > VIO,UV the output and receiver stages will be disabled as well. When V IO reaches a higher level as the Under-Voltage VIO > VIO,UV level the TLE7269G continues with normal operation and data transmission. 4.11 TxD Time Out function If the TxD1 or TxD2 signal is dominant for a time t > ttimeout the TxD time-out function deactivates the transmission of the LIN signal to the bus and disables both, the output stage 1 and the output stage 2. This is realized to prevent the bus from being blocked by a permanent “Low” signal on the TxD1 or TxD2 pin, caused by an error on the external microcontroller (see Figure 12). The transmission is released again, after a rising edge at TxD1 or TxD2 has been detected. Figure 12 TxD Time-Out function TxD1 ttorec BUS1 TxD2 BUS2 ttimeout Normal Communication Normal Communication TxD Time-Out due to microcontroller error Release after TxD Time-out Recovery of the microcontroller error ttorec ttimeout Normal Communication Normal Communication TxD Time-Out due to microcontroller error Release after TxD Time-out Recovery of the microcontroller error t t t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |