| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 14 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 14 Page - Infineon Technologies AG |
|
14 / 34 page ![]() TLE7269G Functional Description Data Sheet 14 Rev. 1.2, 2007-11-13 4.7 Bus Wake-Up via LIN bus 1 and bus 2 Figure 8 Bus Wake-Up behavior The bus Wake-Up event, often called remote Wake-Up, changes the operation mode from Sleep mode to Stand- By mode. The TLE7269G wakes-up via a bus Wake-Up event on either the pin BUS1 or BUS2. The bus Wake- Up behavior is identical on both pins. A falling edge on the LIN bus, followed by a dominant bus signal t > tWK,bus results in a bus Wake-Up event. The mode change to Stand-By mode becomes active with the following rising edge on the LIN bus. The TLE7269G remains in Sleep mode until it detects a change from dominant to recessive on the LIN bus (see Figure 8). In Stand-By mode the TxD1 pin indicates the source of the Wake-Up event, the TxD2 pin remains inactive. A weak pull-down on the pin TxD1 indicates a bus Wake-Up event (see Figure 4 or Table 2). The RxD1 pin signals if a Wake-Up event occurred or the power-up event. A “Low” signal on the RxD1 pin reports a local or bus Wake-Up event, a logical “High“ signal on RxD1 indicates a power-up event. A “Low” signal on the RxD2 pin indicates a Wake-Up event on the pin BUS2. V BUS1 &2 V BUS,dom V BUS,wk LIN BUS1 or BUS2 Signal Sleep Mode Stand-By Mode INH1/ INH2 t WK,bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |