| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 15 Page - Infineon Technologies AG |
|
15 / 34 page ![]() Data Sheet 15 Rev. 1.2, 2007-11-13 TLE7269G Functional Description 4.8 Local Wake-Up Figure 9 Local Wake-Up behavior Beside the remote Wake-Up, a Wake-Up of the TLE7269G via the WK pin is possible. This type of Wake-Up event is called “Local Wake Up”. A falling edge on the WK pin followed by a “Low” signal for t > tWK results in a local Wake-Up (see Figure 9) and changes the operation mode to Stand-By mode. In Stand-By mode the TxD1 pin indicates the source of the Wake-Up event, the TxD2 pin remains inactive. A strong pull-down on the pin TxD1 indicates a bus Wake-Up event (see Figure 4). The RxD1 pin signals if a Wake- Up event or the Power-Up event occurred. A “Low” signal on the RxD1 pin reports a local or bus Wake-Up event, a logical “High” signal on RxD1 indicates a Power-Up event. A “Low” signal on the RxD2 pin indicates a Wake-Up event on the pin BUS2. 4.9 Mode Transition via EN pin Figure 10 Mode Transition via EN pin It is also possible to change from Sleep mode to Normal Operation mode by setting the EN pin to logical “High”.This feature is useful if the external microcontroller is continuously powered and not connected to the INH1 pin or the INH2 pin. The EN pin has an integrated pull-down resistor to ensure the device remains in Sleep or Stand-By mode even if the voltage on the EN pin is floating. The EN pin has an integrated hysteresis to avoid the toggling of the operation modes during the transition of the EN signal (see Figure 10). V WK V WK,L WK Signal Sleep Mode Stand-By Mode INH1/ INH2 t WK V EN EN Signal V EN,OFF Sleep Mode / Stand-By Mode t MODE V EN,ON EN Hysteresis Sleep Mode Normal Operation Mode t MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |