| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 16 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 16 Page - Infineon Technologies AG |
|
16 / 34 page ![]() TLE7269G Functional Description Data Sheet 16 Rev. 1.2, 2007-11-13 A transition from logical “High” to logical “Low” on the EN pin changes the operation mode from Normal Operation mode to Sleep mode. If the TLE7269G is already in Sleep mode, changing the EN from “Low” to “High” results into a mode change from Sleep mode to Normal Operation mode. If the device is in Stand-By mode a change from “Low” to “High” on the EN pin changes the mode to Normal Operation mode (see Figure 4). 4.10 Power-On Reset Figure 11 Power-on reset and Under-Voltage situation A dropping power supply V S or a dropping microcontroller supply VIO on a local ECU can effect the communication of the whole LIN network. To avoid any blocking of the LIN network by a local ECU the TLE7269G has an integrated Power-On reset at the supply V S and an Under-Voltage detection at the supply VS and the supply VIO. In case the supply voltage V S is dropping below the Power-On reset level VS < VS,UV,PON, the TLE7269G changes the operation mode to Stand-By mode. In Stand-By mode the output stage of the TLE7269G is disabled and no communication to the LIN bus is possible. The internal bus termination remains active as well as the INH pins (see Figure 11 and Figure 4). Supply voltage Vs Power on reset level V S,UV,PON Power On reset Normal Operation Mode Reset and Communication blocked Stand-By Mode Blanking time t blank,UV Supply voltage Vs Power on reset level V S,UV,PON Normal Operation Mode Communication blocked Blanking time t blank,UV Undervoltage level V S,UV,BLK Normal Operation Mode Under Voltage Detection V S Supply voltage V IO Normal Operation Mode Communication blocked Blanking time t blank,UV Undervoltage level V IO,UV Normal Operation Mode Under Voltage Detection V IO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |