Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7269G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7269G
Description  Twin LIN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7269G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7269G Datasheet HTML 17Page - Infineon Technologies AG TLE7269G Datasheet HTML 18Page - Infineon Technologies AG TLE7269G Datasheet HTML 19Page - Infineon Technologies AG TLE7269G Datasheet HTML 20Page - Infineon Technologies AG TLE7269G Datasheet HTML 21Page - Infineon Technologies AG TLE7269G Datasheet HTML 22Page - Infineon Technologies AG TLE7269G Datasheet HTML 23Page - Infineon Technologies AG TLE7269G Datasheet HTML 24Page - Infineon Technologies AG TLE7269G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
21
Rev. 1.2, 2007-11-13
TLE7269G
Electrical Characteristics
6
Electrical Characteristics
6.1
Functional Device Characteristics
Table 7
Electrical Characteristics
7.0 V < VS < 27 V; RL = 500 Ω; Vio = 5V; -40 °C < Tj < 125 °C; all voltages with respect to ground; positive current
flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Current Consumption
6.1.1
Current consumption at
VS(both channels recessive)
IS,rec
0.5
1.6
3.0
mA
recessive state, without RL;
VS = 13.5 V
VTxD = Vio
6.1.2
Current consumption normal
mode at Vio
IVIO,norm
10
50
µA
Normal Operation mode.
VIO=5 V
6.1.3
Current consumption
at VS (both channels
dominant)
IS,dom
3
5.0
mA
dominant state, without RL;
VS = 13.5 V;
VTxD = 0 V
6.1.4
Current consumption
in sleep mode at Vio
IVIO,Sleep
1
10
µA
Sleep mode, VIO=5 V
6.1.5
Current consumption
in sleep mode
IS,Sleep
–7
12
µA
Sleep mode,
VS = 18 V;
VBUS= VWK = VS;
6.1.6
Current consumption in sleep
mode
IS,Sleep,typ
5
10
µA
Sleep mode, Tj < 85 °C;
VS = 13.5 V;
VWK= VS= VBUS;
Under Voltage Detection
6.1.7
Blocking under voltage
detection at
V
S
(
V
S on the falling edge)
Vs,UV,BLK
3.5
5
V
Communication blocked
no reset (see Figure 11)
6.1.8
Power ON under voltage
detection at
V
S
Vs,UV,PON
3.5
V
Device reset to Stand-By-
Mode 1)(see Figure 11)
6.1.9
Under voltage detection at
V
IO VIO,UV
1.5
2.5
3
V
Communication blocked
no reset (see Figure 11)
6.1.10 Under voltage blanking time
tblankUV
–5
µs
1)
Receiver Outputs: RxD1, RxD2
6.1.11 HIGH level output current
IRD,H
–10
-4
-2
mA
VRD = 0.8 × VIO
6.1.12 LOW level output current
IRD,L
24
10
mA
VRD = 0.2 × VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com