| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 34 page ![]() TLE7269G Functional Description Data Sheet 10 Rev. 1.2, 2007-11-13 4.2.1 Normal Slope Mode In Normal Slope mode data transmission rates up to 20 kBauds are possible. Setting the EN pin to “High” starts the transition to Normal Operation mode. Depending on the signal on the TxD1 pin, the TLE7269G changes either into Normal Slope mode or Low Slope mode (see Figure 5). The mode change to Normal Slope mode is defined by the time t MODE and the time tTXD,SET. The time tMODE specifies the delay time between the threshold, where the EN pin detects a “High” input signal, and the actual mode change of TLE7269G into Normal Slope mode. The time t TXD,SET defines the setup time in which the TxD1 pin has be set to “High”. After the time t TXD,SET expires, the logical “High” signal on the TxD1 pin has to be stable to put the part into Normal Slope mode. In the time window t MODE - tTXD,SET the TLE7269G makes the transition to Normal Slope mode but remains in Stand- By mode until the time t MODE expires. Finally to release the data communication it is required to set the TxD1 and the TxD2 pin to “High” for the time t to,rec. Figure 5 Timing to enter Normal Slope Mode 4.2.2 Low Slope Mode In Low Slope mode data transmission rates up to 10.4 kBauds are possible. Setting the EN pin to “High” starts the transition to Normal Operation mode. Depending on the signal of the TxD1 pin the TLE7269G changes either into Normal Slope mode or Low Slope mode (see Figure 6). The mode change to Low Slope mode is defined by the time t MODE and the time tTXD,SET. The time tMODE specifies the delay time between the threshold, where the EN pin detects a “High” input signal, and the actual mode change of TLE7269G to Low Slope mode. The time t TXD,SET defines the setup time in which the TxD1 pin can be set to “Low”. After the time t TXD,SET expires, the logical “Low” signal on the TxD1 pin has to be stable to put the part into Low Slope mode. In the time window t MODE - tTXD,SET the TLE7269G makes the transition into Low Slope mode but remains in Stand- By mode until the time t MODE expires. Finally to release the data communication it is required to set the TxD1 and the TxD2 pin to “High” for the time t to,rec. t MODE Stand-By Mode / Sleep Mode Normal Slope Mode EN TxD1 t TxD,SET V EN,ON Mode Transition t to,rec Data transmission |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |