| Electronic Components Datasheet Search |
|
TLE7269G Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7269G Datasheet(HTML) 11 Page - Infineon Technologies AG |
|
11 / 34 page ![]() Data Sheet 11 Rev. 1.2, 2007-11-13 TLE7269G Functional Description . Figure 6 Timing to enter Low Slope Mode 4.2.3 Flash Mode In Flash mode it is possible to transmit and receive LIN messages on the LIN bus. The slew rate control mechanism of the LIN bus signal is disabled. This allows higher data transmission rates, disregarding the EMC limitations of the LIN network. The Flash mode is intended to be used during the ECU production for programming the microcontroller via the LIN bus interface. The TLE7269G can be set to Flash mode either from Normal Slope mode or from Low Slope mode (see Figure 4). Flash mode is entered by setting the EN pin to “Low” for the time t fl1 and generating a falling and a rising edge at the TxD1 pin with the timing t fl2, tfl3 and tfl4 (see Figure 7). Leaving the Flash mode by the same sequence, sets the TLE7269G back to its previous state, be that either Normal Slope mode or Low Slope mode. Finally to release the data transmission it is required to set the TxD1 pin and the TxD2 pin to “High” for the time t to,rec. The TLE7269G can be set from Flash mode directly to Sleep mode by switching the EN pin to “Low”. Setting the pin EN to “High” again, the device will return to Flash mode. Figure 7 Timing to enter and exit Flash Mode t MODE Stand-By Mode / Sleep Mode Low Slope Mode EN TxD1 t TxD,SET V EN,ON Mode Transition t to,rec Data transmission Normal Slope Mode Low Slope Mode TxD1 EN t fl3 Data transmission t fl1 Flash Mode t fl2 t fl4 t fl1 Data transm. Normal Slope Mode Low Slope Mode t fl3 t fl2 t fl4 t torec t torec |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |