Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 114Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 115Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 116Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 117Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 118Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 119Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 120Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 121Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 122 page
background image
Package characteristics
STM8L151xx, STM8L152xx
118/122
Doc ID 15962 Rev 5
Figure 50.
LQFP48 – 48-pin low profile quad flat package outline (7x7)
5B_ME
L
A1
K
L1
c
A
A2
ccc
C
D
D1
D3
E3 E1 E
24
25
36
37
b
48
1
Pin 1
identification
12
13
Table 65.
LQFP48 – 48-pin low profile quad flat package (7x7), package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A1.6
0.063
A1
0.05
0.15
0.002
0.0059
A2
1.35
1.4
1.45
0.0531
0.0551
0.0571
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
0.2
0.0035
0.0079
D
8.8
9
9.2
0.3465
0.3543
0.3622
D1
6.8
7
7.2
0.2677
0.2756
0.2835
D3
5.5
0.2165
E
8.8
9
9.2
0.3465
0.3543
0.3622
E1
6.8
7
7.2
0.2677
0.2756
0.2835
E3
5.5
0.2165
e
0.5
0.0197
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
1
0.0394
k
0.0°
3.5°
7.0°
0.0°
3.5°
7.0°
ccc
0.08
0.0031
Number of pins
N48
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com