Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C6Y3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM8L151C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 114Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 115Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 116Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 117Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 118Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 119Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 120Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 121Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
STM8L151xx, STM8L152xx
Device ordering information
Doc ID 15962 Rev 5
119/122
11
Device ordering information
Figure 51.
STM8L15xxx ordering information scheme
STM8
L
151
C
4
U
6
Product class
STM8 microcontroller
Pin count
C = 48 pins
K = 32 pins
G = 28 pins
Package
U = UFQFPN
T = LQFP
Y = WLCSP
Example:
Sub-family type
151 = Ultralow power
152 = Ultralow power with LCD
Family type
L = Low power
Temperature range
3 =
- 40 °C to 125 °C
6 = - 40 °C to 85 °C
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please contact the ST sales office nearest to you.
Program memory size
4 = 16 Kbytes
6 = 32 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com