Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
REG2SET2
$07
R
DVSSTAT2
0
DVS voltage level status flag
R
-
5:1
REG2 fault flags: Thermal SD, SC, ILim, UV and OV
REG3SET1
$08
R/W
OVUVSET3
0
Set REG3 response type to OV/UV
R/W
DVSSET3
4:1
REG3 DVS value setting
REG3SET2
$09
R
DVSSTAT3
0
DVS voltage level status flag
R
-
5:1
REG3 fault flags: Thermal SD, SC, ILim, UV and OV
REG4SET1
$0A
R/W
OVUVSET4
0
Set REG4 response type to OV/UV
R/W
DVSSET4
4:1
REG4 DVS value setting
REG4SET2
$0B
R
DVSSTAT4
0
DVS voltage level status flag
R
-
5:1
REG4 fault flags: Thermal SD, SC, ILim, UV and OV
REG5SET1
$0C
R/W
OVUVSET5
0
Set REG5 response type to OV/UV
R/W
DVSSET5
4:1
REG5 DVS value setting
REG5SET2
$0D
R/W
SSSET5
1:0
REG5 Soft Start setting.
REG5SET3
$0E
R
DVSSTAT5
0
DVS voltage level status flag
R
-
5:1
REG5 fault flags: Thermal SD, SC, ILim, UV and OV
REG6SET1
$0F
R/W
OVUVSET6
0
Set REG6 response type to OV/UV
R/W
DVSSET6
4:1
REG6 DVS value setting
REG6SET2
$10
R/W
SSSET6
1:0
REG6 Soft Start setting.
REG6SET3
$11
R
DVSSTAT6
0
DVS voltage level status flag
R
-
5:1
REG6 fault flags: Thermal SD, SC, ILim, UV and OV
REG7SET1
$12
R/W
OVUVSET7
0
Set REG7 response type to OV/UV
R/W
DVSSET7
4:1
REG7 DVS value setting
REG7SET2
$13
R/W
SSSET7
1:0
REG7 Soft Start setting.
R/W
FSW2
3:2
REG6, 7 8, Frequency setting
REG7SET3
$14
R
DVSSTAT7
0
DVS voltage level status flag
R
-
2:1
REG7 fault flags: UV and OV
REG8SET1
$15
R/W
OVUVSET8
0
Set REG8 response type to OV/UV
R/W
DVSSET8
4:1
REG8 DVS value setting
REG8SET2
$16
R/W
SSSET8
1:0
REG8 Soft Start setting.
R/W
REG8MODE
3:2
Voltage or Current Regulation mode on REG8
R/W
ILED
6:4
LED string current configuration during current regulation mode
REG8SET3
$17
R
DVSSTAT8
0
DVS voltage level status flag
R
-
5:1
REG8 fault flags: Thermal SD, SC, ILim, UV and OV
FAULTS
$18
R
FLTx
7:0
First Level fault register for REG1 through REG8
I2CSET1
$19
R/W
ACCURATE
0
Accurate I2C communication mode enable
REG3DAC
$49
R/W
3DACx
7:0
REG3 DAC reference voltage configuration for Fine voltage Scaling
REG7CR0
$58
R/W
DISCHG_B
4
Discharge enable for independent REG7 Control
R/W
EN
7:6
Output Enable bits for Independent REG7 Control
REG7DAC
$59
R/W
7DACx
7:0
REG7 DAC refence voltage configuration for REG7 Control
Register
ADDR
R/W
Bit Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com