Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
REG2 BUCK STAGE SWITCHING NODE (SW2D)
The inductor is connected between this pin and the SW2U
pin.
REG2 REGULATED OUTPUT VOLTAGE PIN
(VOUT2)
Connect this pin to the load and to the output filter as close
to the pin as possible.
REG2 BOOST STAGE SWITCHING NODE (SW2U)
The inductor is connected between this pin and the SW2D
pin.
REG5 BOOST STAGE SWITCHING NODE (SW5U)
The inductor is connected between this pin and the SW5D
pin.
REG5 REGULATED OUTPUT VOLTAGE PIN
(VOUT5)
Connect this pin to the load and to the output filter as close
to the pin as possible.
REG5 BUCK STAGE SWITCHING NODE (SW5D)
The inductor is connected between this pin and the SW5U
pin.
REG5 POWER SUPPLY INPUT VOLTAGE (PVIN5)
This is the connection to the drain of the high side switch
FET. Input decoupling /filtering is required for proper REG5
operation.
REG5 BUCK STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT5D)
Connect a 1.0
μF capacitor between this pin and SW5D
pin to enhance the gate of the Switch Power MOSFET.
REG5 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB5)
Connect the feedback resistor divider to this pin.
REG5 COMPENSATION NETWORK CONNECTION
(COMP5)
REG5 compensation network connection.
POWER GROUND CONNECTION FOR ALL OF THE
REGULATORS EXCEPT REG7 (PGND)
Power Ground Connection for all of the regulators except
REG7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com