Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34704
PIN CONNECTIONS
30
A
FB7
Input
REG7 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
B
AGND1
-
-
Pin 30 is connected to AGND
31
A
DRV7
Output
REG7 external Power
MOSFET gate drive
REG7 external Power MOSFET gate drive.
B
NC3
No Connect
-
Pin 31 is not connected
32
A
VOUT7
Output
REG7 output voltage
return pin.
This is the discharge path of REG7 output voltage.
B
PGND1
-
-
Pin 32 is connected to PGND
33
A
FB6
Input
REG6 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
B
AGND2
-
-
Pin 33 is connected to AGND
34
A
BT6
Passive
REG6 bootstrap capacitor
input pin.
Connect a 0.01
μF capacitor between this pin and SW6 pin to
enhance the gate of the Synchronous Power MOSFET.
B
NC4
No Connect
-
Pin 34 is not connected
35
A
SW6
Output
REG6 switching node
The inductor is connected between this pin and the VIN pin.
B
PGND2
-
-
Pin 35 is connected to PGND
36
A
VOUT6
Output
REG6 regulated output
voltage pin
Connect this pin directly to the load directly and to the output
filter as close to the pin as possible.
B
PGND3
-
-
Pin 36 is connected to PGND
37
A/B
AGND
Ground
Analog ground of the IC
Analog ground of the IC.
38
A/B
VIN
Power
Battery voltage
connection
Input decoupling /filtering is required for the device to operate
properly.
39
A/B
VDDI
Output
Internal supply voltage
Connect a 1.0
μF low ESR decoupling filter capacitor between
this pin and GND.
40
A/B
LION
Input
Battery Detection
Always pull this pin High with a 470kohm Resistor to indicate
Input power is present.
41
A/B
ONOFF
Input
Dual function IC turn On/
Off
This is a hardware enable/disable for the 34704A/B. It can be
connected to a mechanical switch to turn the power On or Off.
42
A/B
BT2U
Passive
REG2 Boost Stage
bootstrap capacitor input
pin
Connect a 1.0
μF capacitor between this pin and SW2U pin to
enhance the gate of the Switch Power MOSFET.
43
A/B
COMP2
Passive
REG2 compensation
network connection
REG2 compensation network connection.
44
A/B
FB2
Input
REG2 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
45
A/B
BT2D
Passive
REG2 Buck Stage
bootstrap capacitor input
pin
Connect a 1.0
μF capacitor between this pin and SW2D pin to
enhance the gate of the Switch Power MOSFET.
46
A/B
PVIN2
Power
REG2 power supply input
voltage
This is the connection to the drain of the high side switch FET.
Input decoupling /filtering is required for proper REG2 operation.
Use a 10uf decoupling capacitor for better performance
Table 2. 34704 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number Device Pin Name Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com