Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
FPO
FBW
=FZ1
0.9FLC
=F22
1.1FLC
=
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
FP1
FESR
=F2P
FSW
2
-----------
=
The passive components associated to these frequencies are calculated with the following formulas.
C1
Vinmin
VRAMP
------------------
1
D
′
min
2
-----------------
⎝⎠
⎜⎟
⎛⎞
1
2
π F
POR1
()
-------------------------------
⎝⎠
⎛⎞
=
C2
1
2
π F
Z2R1
()
------------------------------
⎝⎠
⎛⎞
=
R2
1
2
π F
Z1C1
()
------------------------------
⎝⎠
⎛⎞
=
R3
1
2
π F
P1C2
()
------------------------------
⎝⎠
⎛⎞
=
C3
1
2
π F
P2R2
()
------------------------------
⎝⎠
⎛⎞
=
On the 34704 VRAMP is half of 1.2 V since each operation mode spends only half the ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com