Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
REG5 BOOST STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT5U)
Connect a 1.0
μF capacitor between this pin and SW5U
pin to enhance the gate of the Switch Power MOSFET.
REG4 BUCK STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT4D)
Connect a 0.01
μF capacitor between this pin and SW4D
pin to enhance the gate of the Switch Power MOSFET.
REG4 POWER SUPPLY INPUT VOLTAGE (PVIN4)
This is the connection to the drain of the high side switch
FET. Input decoupling /filtering is required for proper REG4
operation.
REG4 BUCK STAGE SWITCHING NODE (SW4D)
The inductor is connected between this pin and the SW4U
pin.
REG4 REGULATED OUTPUT VOLTAGE PIN
(VOUT4)
Connect this pin to the load and to the output filter as close
to the pin as possible.
REG4 BOOST STAGE SWITCHING NODE (SW4U)
The inductor is connected between this pin and the SW4D
pin.
REG4 BOOST STAGE BOOTSTRAP CAPACITOR
INPUT PIN (BT4U)
Connect a 0.01
μF capacitor between this pin and SW4U
pin to enhance the gate of the Switch Power MOSFET.
REG4 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB4)
Connect the feedback resistor divider to this pin.
REG4 COMPENSATION NETWORK CONNECTION
(COMP4)
REG4 compensation network connection.
REG3 BOOTSTRAP CAPACITOR INPUT PIN (BT3)
Connect a 0.01
μF capacitor between this pin and SW3 pin
to enhance the gate of the Switch Power MOSFET.
REG3 POWER SUPPLY INPUT VOLTAGE (PVIN3)
This is the connection to the drain of the high side switch
FET. Input decoupling /filtering is required for proper REG3
operation.
REG3 SWITCHING NODE (SW3)
The inductor is connected between this pin and the
regulated REG3 output.
REG3 OUTPUT VOLTAGE RETURN PIN (VOUT3)
This is the discharge path of REG3 output voltage.
REG3 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB3)
Connect the feedback resistor divider to this pin.
SOFT START TIME (SS)
The soft start time for all regulators can be adjusted by
connecting this pin to an external resistor divider between
VDDI and AGND pins.
OSCILLATOR FREQUENCY (FREQ)
The oscillator frequency can be adjusted by connecting
this pin to an external resistor divider between VDDI and
AGND pins. This pin sets FSW1 value.
REG8 VOLTAGE FEEDBACK INPUT FOR
VOLTAGE REGULATION/PROGRAMMING (FB8)
Connect the feedback resistor divider to this pin, when
voltage mode control is used. When current mode control is
used, connect this pin between the LED string and an ISET
resistor to GND to force the operating current. Refer to
Figure 10 and Figure 11. Exclude the components not used.
REG8 BOOTSTRAP CAPACITOR INPUT PIN (BT8)
Connect a 0.01
μF capacitor between this pin and SW8 pin
to enhance the gate of the Synchronous Power MOSFET.
REG8 REGULATED OUTPUT VOLTAGE PIN
(VOUT8)
Connect this pin directly to the load directly and to the
output filter as close to the pin as possible.
REG8 SWITCHING NODE (SW8)
The inductor is connected between this pin and VIN pin.
REG1 SWITCHING NODE (SW1)
The inductor is connected between this pin and VIN pin.
REG1 REGULATED OUTPUT VOLTAGE BEFORE
THE CUT-OFF SWITCH (VG)
REG1 regulated output voltage before the cutoff switch.
This supplies the internal circuits and the gate drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com