Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
feedback using the standard voltage divider configuration, or
can be programmed to work with a current feedback
configuration to control the current flowing through a LED
string. It does not need external compensation network, thus
the only components that need to be calculated are:
• L: A boost power stage can be designed to operate in
CCM for load currents above a certain level usually 5 to
15% of full load. The minimum value of inductor to
maintain CCM can be determined by using the following
procedure:
•Define IOB as the minimum current to maintain CCM as
15% of full load:
Lmin
Vo D
() 1D
–
()
2T
2IOB
-------------------------------------------
≥
[H]
However the worst case condition for the boost power
stage is when the input voltage is equal to one half of the
output voltage, which results in the Maximum ÄIL, then:
Lmin
Vo T
()
16IOB
----------------
≥
[H]
• C
OUT: The three elements of output capacitor that
contribute to its impedance and output voltage ripple are
the ESR, the ESL and the capacitance C. The minimum
capacitor value is approximately:
COUT
IomaxDmax
Fsw Vor
Δ
-----------------------------
≥
[F]
•Where
ΔVO
r is the desired output voltage ripple.
• Now calculate
ΔVO
r the maximum allowed ESR to
reach the desired.
ESR
Vor
Δ
Iomax
1Dmax
–
-----------------------
IOB
+
⎝⎠
⎛⎞
---------------------------------------------
≤
[
Ω]
• R1 and RB (for Voltage feedback control): These two
resistors help to set the output voltage to the desire value
using a VREF=0.6 V, select R1 between 10k and 100K and
then calculate RB as follows:
RB
R1
Vo
Vref
------------
1
–
----------------------
=
[
Ω]
• RS (For current feedback control with LED string):
This resistor is attached at the end of the LED string and it
controls the amount of current flowing through it. To
calculate this resistor, set the maximum current you want
to flow though the string and use the following formula:
RS
Vref
Io
----------
=
[
Ω]
Where VREF=230 mV is the maximum internal reference
voltage in current mode control that is reflected on the FB8
pin.
When Input voltage is equal to or higher than VOUT8, a
reverse bias diode is needed from the switching node to the
output in order to cause a drop from the Input to the output,
see Figure 9 below:
L8
CBOOT
R1
RB
VOUT8
VIN
D8
BT8
SW8
VOUT8
FB8
Figure 9. Reverse Bias Diode
Regulator 7 (Inverter controller - external compensation
needed)
REG7 is a non-synchronous buck/boost inverting PWM
voltage-mode control DC-DC regulator that drive an external
P-MOSFET to supply a typical voltage of -7.0 V at a
maximum current of 60 mA.
• P-MOSFET: The peak current of the MOSFET is assumed
to be ID, which is obtained by the following formula, define
IOB from 5 to 15% of maximum current rating.
IQ ILpeak
≥
Io IOB
+
()
–
1D
–
-----------------------------
=
And the voltage rating is given by:
VQ
Vin Vo
–
=
• Diode D7: The peak value of the diode current is IFSM
which should also be higher than ILpeak. The average
current rating should be higher than the output current low
and the repetition reverse voltage VRRM is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com