Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34704
PIN CONNECTIONS
47
A/B
SW2D
Input/Output
REG2 Buck Stage
switching node
The inductor is connected between this pin and the SW2U pin.
48
A/B
VOUT2
Output
REG2 regulated output
voltage pin
Connect this pin to the load and to the output filter as close to
the pin as possible.
49
A/B
SW2U
Input/Output
REG2 Boost Stage
switching node
The inductor is connected between this pin and the SW2D pin.
50
A/B
SW5U
Input/Output
REG5 Boost Stage
switching node
The inductor is connected between this pin and the SW5D pin.
51
A/B
VOUT5
Output
REG5 regulated output
voltage pin
Connect this pin to the load and to the output filter as close to
the pin as possible.
52
A/B
SW5D
Input/Output
REG5 Buck Stage
switching node
The inductor is connected between this pin and the SW5U pin.
53
A/B
PVIN5
Power
REG5 power supply input
voltage
This is the connection to the drain of the high side switch FET.
Input decoupling /filtering is required for proper REG5 operation.
Use a 10uf decoupling capacitor for better performance
54
A/B
BT5D
Passive
REG5 Buck Stage
bootstrap capacitor input
pin
Connect a 1.0
μF capacitor between this pin and SW5D pin to
enhance the gate of the Switch Power MOSFET.
55
A/B
FB5
Input
REG5 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
56
A/B
COMP5
Passive
REG5 compensation
network connection
REG5 compensation network connection.
Exposed
Pad
A/B
PGND
Ground
Power Ground
Connection for all of the
regulators except REG7
Power Ground Connection for all of the regulators except
REG7. This pad is provided to enhance thermal performance.
Notes
1.
If regulator 1 is not used, leave pin 23 Unconnected, All other components should be used to provide VG to the system
2.
If regulators 5, 6, 7 and 8 are not used, connect the corresponding pins as follows: FB node: tied to GND, BT node: Not connected, VOUT
node: Tied to GND, SW node: Tied to GND, DRV node: Tied to GND (REG7 only), COMP pin: Not connected, PVIN Pin: Not connected.
3.
REG 2,3 and 4 should always be populated.
Table 2. 34704 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number Device Pin Name Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com