Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
REGULATOR 4
Output Voltage Range
VOUT
0.6
1.8
3.6
V
Output Accuracy
-
-2.0
-
2.0
%
Line/Load Regulation(13)
REGLN/LD
-1.0
-
1.0
%
Feedback Reference Voltage
VFB
-
0.600(14)
-
V
Dynamic Voltage Scaling Range
VDYN
-10
-
10
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
1.0
-
%
Continuous Output Current(13)
IOUT
-
100
300
mA
Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.5
-
A
Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
2.25
-
A
Over-current Limit Accuracy
-
-20
-
20
%
N-CH Buck Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
200
-
m
Ω
N-CH Buck Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
600
-
m
Ω
N-CH Boost Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
200
-
m
Ω
N-CH Boost Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
600
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(13)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(13)
TSD-HYS
-
25
-
°C
PVIN4 Leakage Current (Off State) @25°C
IPVIN4_LKG
-
-
1.0
μA
SW4D Leakage Current (Off State) @25°C
ISW4D_LKG
-
-
1.0
μA
SW4U Leakage Current (Off State) @25°C
ISW4U_LKG
-
-
1.0
μA
REGULATOR 5
Output Voltage Range
VOUT
0.6
3.3
3.6
V
Output Accuracy
-
-2.0
-
2.0
%
Line/Load Regulation(13)
REGLN/LD
-1.0
-
1.0
%
Feedback Reference Voltage
VFB
-
0.600(14)
-
V
Dynamic Voltage Scaling Range
VDYN
-17.5
-
17.5
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Continuous Output Current(13)
IOUT
-
150
500
mA
Over-current Limit (Detected in buck high side FET)
ILIM_ION
-
1.4
-
A
Short-circuit Current Limit (Detected in buck high side FET)
ISHORT_ION
-
2.1
-
A
Over-current Limit Accuracy
-
-20
-
20
%
N-CH Buck Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Buck Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
1000
-
m
Ω
N-CH Boost Switch Power MOSFET RDS(ON)
RDS(ON)-SW
-
120
-
m
Ω
N-CH Boost Synch. Power MOSFET RDS(ON)
RDS(ON)-SY
-
120
-
m
Ω
Discharge MOSFET RDS(ON)
RDS(ON)-DIS
-
70
-
Ω
Thermal Shutdown Threshold(13)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(13)
TSD-HYS
-
25
-
°C
Notes:
13.
Guaranteed by Design
14.
VFB is 0.6V when the part ist powered up and no DVS is changed. DVS is achieved by modifying VFB reference.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 2.7 V
≤ VIN ≤ 5.5 V, -20°C ≤ TA ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com