Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34704 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
VRRM Vin Vo
–
≥
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
• L: The minimum value of inductor to maintain CCM can be
determined by using the following procedure:
Lmin
VoT
–
2Iomax
------------------
Vinmin
Vo Vinmin
–
-------------------------------
⎝⎠
⎛⎞
2
≥
[H]
• C
OUT: The three elements of output capacitor that
contribute to its impedance and output voltage ripple are
the ESR, the ESL and the capacitance C. The minimum
capacitor value is approximately:
COUT
IomaxDmax
FSW Vor
Δ
-----------------------------
≥
[F]
•Where
ΔVO
r is the desired output voltage ripple.
• Now calculate the maximum allowed ESR to reach the
desired.
[
Ω]
ESR
Vor
Δ
Iomax
1Dmax
–
-----------------------
IOB
1D
–
--------------
+
⎝⎠
⎛⎞
--------------------------------------------------
≤
• R1 and RB: These two resistors help to set the output
voltage to the desire value using a VFB7=0.6V, select R1
between 10 k and 150 K and then calculate RB as follows:
[
Ω]
RB
0.9
1.5 Vo
–0.9
–
-------------------------------------
R1
=
NOTE: RB is not grounded, instead is connected to
VREF7 pin (VREF7=1.5 V) which provide a positive voltage
to assure a positive voltage at the FB7 pin.
• Compensation network. (C1,C2,C3, R2, R3)
For compensating a buck converter, 4 important
frequencies referring to the plant are:
• Output LC filter cutoff frequency (FLC):
[Hz]
FLC
D
′
min
LCOUT
2
π
--------------------------
=
Where D’min is the minimum off time percentage given by:
D
′
min
Vinmin
Voutmax
--------------------------
=
• Cutoff frequency due to capacitor ESR:
FESR
1
2
π C
OUT
()ESR
----------------------------------------
=
[Hz]
• The right plane zero frequency:
[Hz]
RHPZ
D
′
min
()
2R
LOAD
D2
πL
•
-----------------------------------------
=
• Crossover frequency (or bandwidth): select this
frequency as far away form the RHPZ as much as
possible:
[Hz]
FBW
RHPZ
6
----------------
«
The Type 3 external compensation network will be in
charge of canceling some of these poles and zeros to
achieve stability in the system. The following poles and
zeroes frequencies are provided by the type 3 compensation:
FPO
FBW
=FZ1
0.9FLC
=F22
1.1FLC
=
FP1
FESR
=F2P
FSW
2
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com