Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
•
Source and destination address registers are independently configured to post-increment or remain
constant
•
Each transfer is initiated by peripheral, CPU, periodic timer interrupt or eDMA channel request
•
Peripheral DMA request sources include DSPIs, 12-bit ADC, eMIOS and GPIOs
•
Each eDMA channel able to optionally send interrupt request to CPU on completion of single value
or block transfer
•
DMA transfers possible between system memories and all accessible memory mapped locations
including peripheral and registers
•
Programmable DMA Channel Mux allows assignment of any DMA source to any available DMA
channel with total of up to 16 potential request sources
3.5.17
Cross Trigger Unit (CTU)
The CTU enables the synchronization of ADC conversions with a timer event. Its key features are:
•
Single cycle delayed trigger output trigged by up to 29 input flags/events connected to different
timers in the system
•
Triggers ADC conversions from any eMIOS channel
•
Triggers ADC conversions from one dedicated PIT
•
Maskable interrupt generation whenever a trigger output is generated
•
1 event configuration register dedicated to each timer event allows to define the corresponding
ADC channel
•
Acknowledgment signal to eMIOS/PIT for clearing the flag
•
Synchronization with ADC to avoid collision
3.5.18
Serial Communication Interface Module (LINFlex)
The LINFlex on the MPC5602D features the following:
•
3 LINFlex modules supported
•
Supports LIN master mode, LIN slave mode and UART mode
•
1 module supporting LIN master and slave mode; 2 modules supporting LIN master mode
•
LIN state machine compliant to LIN 1.3, 2.0 and 2.1 specifications
•
Handles LIN frame transmission and reception without CPU intervention
•
LIN features
— Autonomous LIN frame handling
— Message buffer to store identified and up to 8 data bytes
— Supports message length of up to 64 bytes
— Detection and flagging of LIN errors
– Sync field
– Delimiter
–ID parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com