Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
12
•
1 enhanced full CAN (FlexCAN) module with configurable buffers
•
Up to 79 configurable general purpose pins supporting input and output operations (package
dependent)
•
Real-Time Counter (RTC)
— Clock source from internal 128 kHz or 16 MHz oscillator supporting autonomous wakeup with
1 ms resolution with maximum timeout of 2 seconds
•
Up to 4 periodic interrupt timers (PIT) with 32-bit counter resolution
•
Device/board boundary scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE
1149.1)
•
On-chip voltage regulator (VREG) for regulation of input supply for all internal levels
3.5
Module features
The following sections provide more details of the modules implemented on the MPC5602D.
3.5.1
e200z0h core processor
The e200z0h core includes the following features:
•
High performance, low cost e200z0h core processor for managing peripherals and interrupts
•
Single issue 4-stage pipelined in-order execution, 32-bit Power Architecture CPU
•
Variable length encoding (VLE), allowing mixed 16-bit and 32-bit instructions
— Results in efficient code size footprint
— Minimizes impact on performance
•
Branch processing acceleration using lookahead instruction buffer
•
Load/store unit
— 1-cycle load latency
— Misaligned access support
— No load-to-use pipeline bubbles
•
Thirty-two 32-bit general purpose registers (GPRs)
•
Separate instruction bus and load/store bus Harvard architecture with separate instruction and
load/store buses
•
Hardware vectored interrupt support
•
Reservation instructions for implementing read-modify-write constructs
•
Multi-cycle divide word (divw), and load multiple word (lmw) store multiple word (smw) multiple
class instructions, can be interrupted to prevent increases in interrupt latency
•
Nexus1 support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com