Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Orderable parts
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
25
•
Compilers
•
Debuggers
•
JTAG and Nexus1 interfaces
The following software support is available:
•
OSEK solutions is available from multiple third parties
•
CAN and LIN drivers
•
AUTOSAR package
6
Orderable parts
Figure 3. Commercial product code structure
7
Revision history
Table 9 summarizes revisions to this document.
Table 9. Document revision history
Revision
Date
Substantive changes
1
11 Feb 2009 Initial release
2
28 May 2010 Updated the entire document
2.1
14 Jul 2010 Corrected the security classification of this document (is FCP)
Qualification Status
Power Architecture Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional fields
MPC
56
D
E
M
LL
Example code:
02
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = Power Architecture in 90 nm
Core Version
0 = e200z0h
Flash Size (z0 core)
1= 128 KB
2 = 256 KB
Product
D = Access family
Optional fields
E = Data Flash (blank if none)
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C = –40 to 85 °C
V = –40 to 105 °C
M = –40 to 125 °C
Package Code
LH = 64 LQFP
LL = 100 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com