Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
3.5.7
Boot Assist Module (BAM)
The device implements a Boot Assist Module (BAM):
•
Block of read-only memory containing VLE code which is executed according to boot mode of the
device
•
Download of code into internal SRAM possible via FlexCAN or LINFlex, after which code can be
executed
3.5.8
Enhanced Modular Input Output System (eMIOS)
The MPC5602D implements a scaled-down version of the eMIOS module:
•
Up to 28 timed I/O channels with 16-bit counter resolution
•
Buffered updates
•
Support for shifted PWM outputs to minimize occurrence of concurrent edges
•
Supports configurable trigger outputs for ADC conversion for synchronization to channel output
waveforms
•
Edge-aligned output pulse width modulation
— Programmable pulse period and duty cycle
— Supports 0% and 100% duty cycle
— Shared or independent time bases
•
DMA transfer support available
Table 7 shows the supported eMIOS modes.
Table 7. Supported eMIOS Channel Modes
Mode
Channel type
Description
Name
Counter /
OPWM /
ICOC
O(I)PWM /
OPWFMB /
OPWMCB /
ICOC
O(I)PWM /
ICOC
OPWM /
ICOC
Double action output compare
DAOC
x
x
x
—
General purpose input / output
GPIO
x
x
x
x
Input filter
IPF
x
x
x
x
Input period measurement
IPM
x
x
x
—
Input pulse width measurement
IPWM
x
x
x
—
Modulus counter
MC
x
—
—
—
Modulus counter buffered (up / down)
MCB
x
x
—
—
Output pulse width and frequency modulation
buffered
OPWFMB
x
x
—
—
Output pulse width modulation buffered
OPWMB
—
x
x
x
Center aligned output PWM buffered with dead time OPWMCB
—
x
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com