Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
3.5.19
JTAG controller (JTAGC)
JTAG features the following:
•
JTAG low pin count interface (IEEE 1149.1) test access port (TAP) interface
•
Backward compatible to standard JTAG IEEE 1149.1-2001 test access port (TAP) interface
•
Supports boundary scan testing
•
All JTAG pins reusable in application as standard I/Os
3.6
Packages
MPC5602D family members are offered in the following package types:
•
64-pin LQFP, 0.5 mm pitch, 10 mm x 10 mm outline
•
100-pin LQFP, 0.5 mm pitch, 14 mm x 14 mm outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com