Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
3.5.12.3
Real-time counter (RTC)
The RTC features the following:
•
Configurable resolution for different timeout periods
— 1 sec resolution for > 1 hour period
— 1 ms resolution for 2 second period
•
Selectable clock sources
— 128 kHz slow internal RC oscillator
— Divided 16 MHz fast internal RC oscillator
•
Supports continued operation through all resets except POR (power-on reset)
3.5.13
System watchdog timer
The watchdog on the MPC5602D features the following:
•
Activation by software or out of reset
•
32-bit modulus counter
•
Clock source: robust 128 kHz slow internal RC oscillator (divisible by 1 to 32)
•
Supports normal or windowed mode
•
Configurable response on timeout: reset, interrupt, or interrupt followed by reset
•
Reset by writing a software key to memory mapped register
•
Support for protected access to watchdog control registers with optional soft and hard locks
— Soft lock allows temporary locking of configuration
— Once enabled, hard lock prevents any changes until after a reset
•
Supports halting during low power modes
3.5.14
On-chip voltage regulator (VREG)
The on-chip voltage regulator includes the following features:
•
Optional support for internal and external ballast resistor based on power consumption
•
Regulates 3.3 or 5 V ±10% input to generate all internal supplies for internal control
•
Manages power gating
•
Low power regulators support operation when in STOP and STANDBY modes to minimize power
consumption
•
Fast startup on-chip regulators for rapid exit from low power modes
•
Low voltage reset supported on all internal supplies
3.5.15
Analog to Digital Converter Module (ADC)
The ADC features the following:
•
One 12-bit ADC module supporting synchronous conversions on channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com