Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
14
3.5.5
Flash memory
The on-chip flash memory on the MPC5602D features the following:
•
Up to 256 Kbyte Code Flash
—2
 16 KB, 3  32 KB and 1  128 KB sectors
— Typical flash-memory access time: 0 wait-state for buffer hits, 2 wait-states for page buffer
miss at 48 MHz
— Page buffers can be allocated for code-only, fixed partitions of code and data, all available for
any access
— 64-bit ECC with single-bit correction, double-bit detection for data integrity
•
Censorship protection scheme to prevent flash-memory content visibility
•
Separate dedicated Data Flash for EEPROM emulation
— 4 erase sectors each containing 16 KB of memory
— Offers read-while-write functionality from main program space
•
Small block flash-memory arrangement in main array to support features such as boot block,
operating system block
•
Hardware managed flash memory writes, erase and verify sequence
•
Error correction status
— Configurable error-correcting codes (ECC) reporting for SRAM and flash memory
— Supports optional reporting of single-bit errors
— Protected mechanism for reporting of corrected ECC values
— Error address recorded including Access type and Master
— Flash-memory ECC reporting registers mirrored into ECSM address space but data comes
from the flash-memory module
— Flash-memory module can be interrogated to provide ECC bit error location
— Margin read for flash-memory array supported for initial program verification
3.5.6
SRAM
The on-chip SRAM on the MPC5602D features the following:
•
Up to 16 KB general purpose RAM
•
Typical SRAM access time: 0 wait-state for reads and 32-bit writes; 1 wait-state for 8- and 16-bit
writes if back to back with a read to same memory block
•
32-bit ECC with single-bit correction, double-bit detection for data integrity
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory
•
User transparent ECC encoding and decoding for byte, half word, and word accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com