Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
16
Table 8 shows the maximum eMIOS channel allocation.
3.5.9
Deserial Serial Peripheral Interface Module (DSPI)
MPC5602D devices have two DSPI modules. Features include:
•
Full duplex, synchronous transfers
•
Master or slave operation
•
Programmable master bit rates
•
Programmable clock polarity and phase
•
End-of-transmission interrupt flag
•
Programmable transfer baud rate
•
Programmable data frames from 4 to 16 bits
Output pulse width modulation trigger
OPWMT
x
x
x
x
Pulse edge accumulation
PEA
x
—
—
—
Pulse edge counting
PEC
x
—
—
—
Quadrature decode
QDEC
x
—
—
—
Single action input capture
SAIC
x
x
x
x
Single action output compare
SAOC
x
x
x
x
Table 8. eMIOS Configuration
Channel type
Maximum number of
channels
Counter / OPWM / ICOC1
NOTES:
1 Each channel supports a range of modes including Modulus counters, PWM generation, Input
Capture, Output Compare.
5
O(I)PWM / OPWFMB / OPWMCB / ICOC2
2 Each channel supports a range of modes including PWM generation with dead time, Input Capture,
Output Compare.
7
O(I)PWM / ICOC3
3 Each channel supports a range of modes including PWM generation, Input Capture, Output
Compare, Period and Pulse width measurement.
7
OPWM / ICOC4
4 Each channel supports a range of modes including PWM generation, Input Capture, Output
Compare.
9
Table 7. Supported eMIOS Channel Modes (continued)
Mode
Channel type
Description
Name
Counter /
OPWM /
ICOC
O(I)PWM /
OPWFMB /
OPWMCB /
ICOC
O(I)PWM /
ICOC
OPWM /
ICOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com