Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5602DPB Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
STANDBY mode halts the clock to the entire device and turns off the power to the majority of the chip to
offer the lowest power consumption mode.
The device can be woken up from STANDBY mode by any of up to 18 external wakeup pins, a reset, or
from a periodic wakeup using a low power oscillator. If required by the user, it is possible to enable the
internal 16 MHz or 128 kHz RC oscillator.
In STANDBY mode, the contents of the cores, on-chip peripheral registers and potentially some of the
volatile memory are not held. STANBDY mode retains 16 KB of the SRAM
A fast wakeup using the on-chip 16 MHz internal RC oscillator allows rapid execution from SRAM on
exit from low power modes. This oscillator supports low speed code execution and clocking of peripherals
through selection as the system clock, and it can be used as the PLL input clock source to provide fast
startup without the external oscillator delay.
In low power modes, the internal 16 MHz RC oscillator also supports the operation of ADCs.
Additionally, up to 18 external wakeup pins are available for wakeup, and a fast startup internal voltage
regulator provides a rapid exit from low power modes.
3.4
Chip-level features
On-chip modules available within the family include the following features:
•
Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture embedded category
— Includes an instruction set enhancement allowing variable length encoding (VLE) for code size
footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is
possible to achieve significant code size footprint reduction.
•
Up to 256 KB on-chip Code Flash supported with the Flash controller
•
64 KB on-chip Data Flash
•
Up to 16 KB on-chip SRAM
•
Interrupt controller (INTC) capable of handling 155 selectable-priority interrupt sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to peripherals, Flash, or SRAM from multiple
bus masters
•
16-channel eDMA controller with multiple transfer request sources using DMAMUX
•
Boot assist module (BAM) supports internal Flash programming via a serial link (CAN or SCI)
•
Timer supports input/output channels providing a range of 16-bit input capture, output compare,
and pulse width modulation functions (eMIOS-lite)
•
One 12-bit analog-to-digital converters (ADC)
•
Cross Trigger Unit (CTU) to enable synchronization of ADC conversions with a timer event from
the eMIOS or from the PIT
•
2 serial peripheral interface (DSPI) modules
•
3 serial communication interface (LINFlex) modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com