Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 7Page - STMicroelectronics STTS2002 Datasheet HTML 8Page - STMicroelectronics STTS2002 Datasheet HTML 9Page - STMicroelectronics STTS2002 Datasheet HTML 10Page - STMicroelectronics STTS2002 Datasheet HTML 11Page - STMicroelectronics STTS2002 Datasheet HTML 12Page - STMicroelectronics STTS2002 Datasheet HTML 13Page - STMicroelectronics STTS2002 Datasheet HTML 14Page - STMicroelectronics STTS2002 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
STTS2002
Temperature sensor operation
Doc ID 15389 Rev 5
11/52
3
Temperature sensor operation
The temperature sensor continuously monitors the ambient temperature and updates the
temperature data register. Temperature data is latched internally by the device and may be
read by software from the bus host at any time.
The SMBus/I2C slave address selection pins allow up to 8 such devices to co-exist on the
same bus. This means that up to 8 memory modules can be supported, given that each
module has one such slave device address slot.
After initial power-on, the configuration registers are set to the default values. The software
can write to the configuration register to set bits per the bit definitions in Section 3.1:
SMBus/I2C communications.
For details of operation and usage of 2 Kb SPD EEPROM, refer to Section 5: SPD
EEPROM operation.
3.1
SMBus/I2C communications
The registers in this device are selected by the pointer register. At power-up, the pointer
register is set to “00”, which is the capability register location. The pointer register latches
the last location it was set to. Each data register falls into one of three types of user
accessibility:
1.
Read-only
2.
Write-only, and
3.
WRITE/READ same address
A WRITE to this device will always include the address byte and the pointer byte. A WRITE
to any register other than the pointer register, requires two data bytes.
Reading this device is achieved in one of two ways:
●
If the location latched in the pointer register is correct (most of the time it is expected
that the pointer register will point to one of the read temperature registers because that
will be the data most frequently read), then the READ can simply consist of an address
byte, followed by retrieval of the two data bytes.
●
If the pointer register needs to be set, then an address byte, pointer byte, repeat start,
and another address byte will accomplish a READ.
The data byte transfers the MSB first. At the end of a READ, this device can accept either an
acknowledge (ACK) or no acknowledge (No ACK) status from the master. The No ACK
status is typically used as a signal for the slave that the master has read its last byte. This
device subsequently takes up to 125 ms to measure the temperature for the default
temperature resolution.
Note:
STTS2002 does not initiate clock stretching which is an optional I2C bus feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com