Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 25Page - STMicroelectronics STTS2002 Datasheet HTML 26Page - STMicroelectronics STTS2002 Datasheet HTML 27Page - STMicroelectronics STTS2002 Datasheet HTML 28Page - STMicroelectronics STTS2002 Datasheet HTML 29Page - STMicroelectronics STTS2002 Datasheet HTML 30Page - STMicroelectronics STTS2002 Datasheet HTML 31Page - STMicroelectronics STTS2002 Datasheet HTML 32Page - STMicroelectronics STTS2002 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
29/52
4.7
Temperature resolution register (read/write)
With this register a user can program the temperature sensor resolution from 9-12 bits as
shown below. The power-on default is always 10 bit (0.25 °C/LSB). The selected resolution
is also reflected in bits (4:3) (TRES1:TRES0) of the capability register.
The default value is 01 for TRES register.
4.8
SMBus timeout
The STTS2002 supports the SMBus timeout feature which is turned on by default. If the
host holds SCL low for more than ttimeout (max), the STTS2002 resets itself and releases the
bus. This feature is supported even when the device is in shutdown mode and when the
device is driving SDA low.
Table 21.
Temperature resolution register (TRES) (read/write)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00
000
00
1
Resolution section register
Resolution bits
Table 22.
TRES details
Resolution register bits
Bit1
Bit0
°C/LSB
Bits
Conversion time (max)
0
0
0.5
9
65 ms
0
1
0.25
10
125 ms (default)
1
0
0.125
11
250 ms
1
1
0.0625
12
500 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com