Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 28Page - STMicroelectronics STTS2002 Datasheet HTML 29Page - STMicroelectronics STTS2002 Datasheet HTML 30Page - STMicroelectronics STTS2002 Datasheet HTML 31Page - STMicroelectronics STTS2002 Datasheet HTML 32Page - STMicroelectronics STTS2002 Datasheet HTML 33Page - STMicroelectronics STTS2002 Datasheet HTML 34Page - STMicroelectronics STTS2002 Datasheet HTML 35Page - STMicroelectronics STTS2002 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SPD EEPROM operation
STTS2002
32/52
Doc ID 15389 Rev 5
5.4
Software write protect
Software write-protection allows the bottom half of the memory area (addresses 00h to 7Fh)
to be temporarily or permanently write protected.
Software write-protection is handled by three instructions:
●
SWP: set write protection
●
CWP: clear write protection
●
PSWP: permanently set write protection
The level of write-protection (set or cleared) that has been defined using these instructions,
remains defined even after a power cycle.
Figure 10.
Result of setting the write protection
Table 24.
Operating modes
Mode
RW bit
Bytes
Initial sequence
Current address read
1
1
START, device select, RW = 1
Random address read
0
1
START, device select, RW = 0, address
1
reSTART, device select, RW = 1
Sequential read
1
≥ 1
Similar to current or random address read
Byte write
0
1
START, device select, RW = 0
Page write
0
≤ 16
START, device select, RW = 0
TS write
0
2
START, device select, R/W = 0, pointer data, stop
TS read
1
2
START, device select, R/W = 1, pointer data, stop
Default EEPROM memory area
state before write access
to the Protect Register
AI01936c
Standard
Array
FFh
Standard
Array
80h
7Fh
00h
Standard
Array
FFh
Write
Protected
Array
80h
7Fh
00h
State of the EEPROM memory
area after write access
to the Protect Register
Memory
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com