Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 27Page - STMicroelectronics STTS2002 Datasheet HTML 28Page - STMicroelectronics STTS2002 Datasheet HTML 29Page - STMicroelectronics STTS2002 Datasheet HTML 30Page - STMicroelectronics STTS2002 Datasheet HTML 31Page - STMicroelectronics STTS2002 Datasheet HTML 32Page - STMicroelectronics STTS2002 Datasheet HTML 33Page - STMicroelectronics STTS2002 Datasheet HTML 34Page - STMicroelectronics STTS2002 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
STTS2002
SPD EEPROM operation
Doc ID 15389 Rev 5
31/52
Prior to selecting the memory and issuing instructions, a valid and stable VDD voltage must
be applied. This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW).
At power-down (phase during which VDD decreases continuously), as soon as VDD drops
from the normal operating voltage below the Power On Reset threshold voltage, the device
stops responding to any instruction sent to it.
5.3
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 23: Device select code (on serial data (SDA), most significant bit first).
The device select code consists of a 4-bit device type identifier, and a 3-bit chip enable
“Address” (A2, A1, A0). To address the memory array, the 4-bit device type identifier is
1010b; to access the write-protection settings, it is 0110b.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a
unique 3-bit code on the chip enable (A0, A1, A2) inputs. When the device select code is
received, the device only responds if the chip enable address is the same as the value on
the chip enable (A0, A1, A2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on serial data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into standby mode. The
operating modes are detailed in Table 24.
Table 23.
Device select code
Chip enable
signals
Device type identifier
Chip enable bits
RW
b7(1)
1.
The most significant bit, b7, is sent first.
b6
b5
b4
b3
b2
b1
b0
Memory area select code
(two arrays)(2)
2.
A0, A1 and A2 are compared against the respective external pins on the memory device.
A2
A1
A0
1010
A2
A1
A0
RW
Set write protection
(SWP)
VSS
VSS
VHV
0110
0010
Clear write protection
(CWP)
VSS
VDD
VHV
0110
Permanently set write
protection (PSWP)(2)
A2
A1
A0
A2
A1
A0
0
Read SWP
VSS
VSS
VHV
0011
Read CWP
VSS
VDD
VHV
0111
Read PSWP(2)
A2
A1
A0
A2
A1
A0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com