Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 19Page - STMicroelectronics STTS2002 Datasheet HTML 20Page - STMicroelectronics STTS2002 Datasheet HTML 21Page - STMicroelectronics STTS2002 Datasheet HTML 22Page - STMicroelectronics STTS2002 Datasheet HTML 23Page - STMicroelectronics STTS2002 Datasheet HTML 24Page - STMicroelectronics STTS2002 Datasheet HTML 25Page - STMicroelectronics STTS2002 Datasheet HTML 26Page - STMicroelectronics STTS2002 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
23/52
Figure 9.
Event output boundary timings
Systems that use the active high mode for Event output must be wired point-to-point
between the STTS2002 and the sensing controller. Wire-OR configurations should not be
used with active high Event output since any device pulling the Event output signal low will
mask the other devices on the bus. Also note that the normal state of Event output in active
high mode is a ‘0’ which will constantly draw power through the pull-up resistor.
Table 11.
Legend for Figure 9: Event output boundary timings
Note
Event output boundary conditions
Event output
TA bits
Comparator Interrupt
Critical
15
14
13
1TA ≥ TLOWER
H
L
H
000
2TA < TLOWER - THYS
L
L
H
001
3TA > TUPPER
L
L
H
010
4TA ≤ TUPPER - THYS
H
L
H
000
5TA ≥ TCRIT
L
L
L
100
6TA < TCRIT - THYS
L
H
H
010
7
When TA ≥ TCRIT and TA < TCRIT - THYS, the event output is in comparator mode and bit 0 of
the configuration register (interrupt mode) is ignored.
Comparator
TCRIT
TUPPER
TLOWER
TA
TLOWER - THYS
Interrupt
S/W Int. Clear
Critical
TUPPER - THYS
TCRIT - THYS
TUPPER - THYS
TLOWER - THYS
12
1 3
3 5
7
46 4
2
AI12271
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com