Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 37Page - STMicroelectronics STTS2002 Datasheet HTML 38Page - STMicroelectronics STTS2002 Datasheet HTML 39Page - STMicroelectronics STTS2002 Datasheet HTML 40Page - STMicroelectronics STTS2002 Datasheet HTML 41Page - STMicroelectronics STTS2002 Datasheet HTML 42Page - STMicroelectronics STTS2002 Datasheet HTML 43Page - STMicroelectronics STTS2002 Datasheet HTML 44Page - STMicroelectronics STTS2002 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
STTS2002
DC and AC parameters
Doc ID 15389 Rev 5
41/52
8
DC and AC parameters
This section summarizes the operating measurement conditions, and the dc and ac
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 29. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Figure 15.
AC measurement I/O waveform
Table 29.
Operating and AC measurement conditions
Parameter
Conditions
Unit
VDD supply voltage
2.3 to 3.6
V
Operating temperature
–40 to 125
°C
Input rise and fall times
≤ 50
ns
Load capacitance
100
pf
Input pulse voltages
0.2VDD to 0.8VDD
V
Input and output timing reference voltages
0.3VDD to 0.7VDD
V
Input levels
Input and output timing
reference levels
0.8 * VDD
0.2 * VDD
0.7 * VDD
0.3 * VDD
ai14011
Table 30.
DC/AC characteristics - temperature sensor component with EEPROM
Sym
Description
Test condition(1)
Min
Typ(2)
Max
Unit
VDD
Supply voltage
2.3
3.3
3.6
V
IDD
VDD supply current (no load)
EEPROM active(3)
F = 400 kHz
0.4
2.0
mA
EEPROM standby,
F = 400 kHz
160
300
µA
IDD1
Shutdown mode supply current
EEPROM standby,
TS shutdown
3.0
5
µA
IILI
Input leakage current (SCL, SDA)
VIN = VSS or VDD
±5
µA
IILO
Output leakage current
VOUT = VSS or VDD,
SDA in Hi-Z
±5
µA
VPOR
Power on Reset (POR) threshold
VDD falling edge:
DN package
1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com