Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 35Page - STMicroelectronics STTS2002 Datasheet HTML 36Page - STMicroelectronics STTS2002 Datasheet HTML 37Page - STMicroelectronics STTS2002 Datasheet HTML 38Page - STMicroelectronics STTS2002 Datasheet HTML 39Page - STMicroelectronics STTS2002 Datasheet HTML 40Page - STMicroelectronics STTS2002 Datasheet HTML 41Page - STMicroelectronics STTS2002 Datasheet HTML 42Page - STMicroelectronics STTS2002 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
STTS2002
Use in a memory module
Doc ID 15389 Rev 5
39/52
6
Use in a memory module
In the Dual In line Memory Module (DIMM) application, the SPD is soldered directly on to
the printed circuit module. The three chip enable inputs (A0, A1, A2) must be connected to
VSS or VDD directly (that is without using a pull-up or pull-down resistor) through the DIMM
socket (see Table 27).
6.1
Programming the SPD
The situations in which the SPD EEPROM is programmed can be considered under two
headings:
●
when the DIMM is isolated (not inserted on the PCB motherboard)
●
when the DIMM is inserted on the PCB motherboard
6.1.1
DIMM isolated
With specific programming equipment, it is possible to define the SPD EEPROM content,
using byte and page write instructions, and its write-protection using the SWP and CWP
instructions. To issue the SWP and CWP instructions, the DIMM must be inserted in the
application-specific slot where the A0 signal can be driven to VHV during the whole
instruction. This programming step is mainly intended for use by DIMM makers, whose end
application manufacturers will want to clear this write-protection with the CWP on their own
specific programming equipment, to modify the lower 128 bytes, and finally to set
permanently the write-protection with the PSWP instruction.
6.1.2
DIMM inserted in the application motherboard
As the final application cannot drive the A0 pin to VHV, the only possible action is to freeze
the write-protection with the PSWP instruction.
Table 27.
DRAM DIMM connections
DIMM position
A2
A1
A0
0
VSS (0)
VSS (0)
VSS (0)
1
VSS(0)
VSS (0)
VDD (1)
2
VSS (0)
VDD (1)
VSS (0)
3
VSS (0)
VDD (1)
VDD(1)
4
VDD (1)
VSS (0)
VSS (0)
5
VDD (1)
VSS (0)
VDD (1)
6
VDD (1)
VDD (1)
VSS (0)
7
VDD (1)
VDD (1)
VDD (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com