Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 11Page - STMicroelectronics STTS2002 Datasheet HTML 12Page - STMicroelectronics STTS2002 Datasheet HTML 13Page - STMicroelectronics STTS2002 Datasheet HTML 14Page - STMicroelectronics STTS2002 Datasheet HTML 15Page - STMicroelectronics STTS2002 Datasheet HTML 16Page - STMicroelectronics STTS2002 Datasheet HTML 17Page - STMicroelectronics STTS2002 Datasheet HTML 18Page - STMicroelectronics STTS2002 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
STTS2002
Temperature sensor operation
Doc ID 15389 Rev 5
15/52
Table 2.
AC characteristics of STTS2002 for SMBus and I2C compatibility timings
Symbol
Parameter
Min
Max
Units
fSCL
SMBUS/I2C clock frequency
10
400
kHz
tHIGH
Clock high period
600
–
ns
tLOW
(1)
1.
STTS2002 will not initiate clock stretching which is an I2C bus optional feature.
Clock low period
1300
–
ns
tR
(2)
2.
Guaranteed by design and characterization, not necessarily tested.
Clock/data rise time
–
300
ns
tF
(2)
Clock/data fall time
20
300
ns
tSU:DAT
Data in setup time
100
–
ns
tHD:DI
Data in hold time
0
–
ns
tHD:DAT
Data out hold time
200
900
ns
tSU:STA
(3)
3.
For a restart condition, or following a WRITE cycle.
Repeated start condition setup time
600
–
ns
tHD:STA
Hold time after (repeated) start condition. After this
period, the first clock cycle is generated.
600
–
ns
tSU:STO
Stop condition setup time
600
–
ns
tBUF
Bus free time between stop (P) and start (S) conditions
1300
–
ns
tW
(4)
4.
This parameter reflects maximum WRITE time for EEPROM.
WRITE time for EEPROM
–
10
ms
ttimeout
(5)
5.
Bus timeout value supported depends on setting of TMOUT bit 6 in capability register.
Bus timeout (temperature sensor only)
25
35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com