Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 17Page - STMicroelectronics STTS2002 Datasheet HTML 18Page - STMicroelectronics STTS2002 Datasheet HTML 19Page - STMicroelectronics STTS2002 Datasheet HTML 20Page - STMicroelectronics STTS2002 Datasheet HTML 21Page - STMicroelectronics STTS2002 Datasheet HTML 22Page - STMicroelectronics STTS2002 Datasheet HTML 23Page - STMicroelectronics STTS2002 Datasheet HTML 24Page - STMicroelectronics STTS2002 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
21/52
Figure 8.
Hysteresis
1.
TH = Value stored in the alarm temperature upper boundary trip register
2.
TL = Value stored in the alarm temperature lower boundary trip register
3.
HYS = Absolute value of selected hysteresis
10:9
Hysteresis enable (see Figure 8 and Table 10)
– 00 = Hysteresis is disabled (default)
– 01 = Hysteresis is enabled at 1.5 °C
– 10 = Hysteresis is enabled at 3 °C
– 11 = Hysteresis is enabled at 6 °C
Hysteresis applies to all limits when the temperature is dropping below the threshold so that once the
temperature is above a given threshold, it must drop below the threshold minus the hysteresis in order to be
flagged as an interrupt event. Note that hysteresis is also applied to the EVENT pin functionality. When
either of the lock bits is set, these bits cannot be altered.
15:11
Reserved for future use. These bits will always read ‘0’ and writing to them will have no effect. For
future compatibility, all RFU bits must be programmed as ‘0’.
1.
As this device is used in DIMM (memory modules) applications, it is strongly recommended that only the active-low polarity
(default) is used. This will provide full compatibility with the STTS424E02. This is the recommended configuration for the
STTS2002.
2.
The actual incident causing the event can be determined from the read temperature register. Interrupt events can be
cleared by writing to the clear event bit (writing to this bit will have no effect on overall device functioning).
3.
Writing to this register has no effect on overall device functioning in comparator mode. When read, this bit will always
return a logic '0' result.
Table 9.
Configuration register bit definitions (continued)
Bit
Definition
Below Window bit
Above Window bit
TH - HYS
TL - HYS
TH
TL
AI12270
Table 10.
Hysteresis as applied to temperature movement
Below alarm window bit
Above alarm window bit
Temperature slope
Temperature
threshold
Temperature slope
Temperature
threshold
Sets
Falling
TL - HYS
Rising
TH
Clears
Rising
TL
Falling
TH - HYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com