Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS2002 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STTS2002 Datasheet HTML 18Page - STMicroelectronics STTS2002 Datasheet HTML 19Page - STMicroelectronics STTS2002 Datasheet HTML 20Page - STMicroelectronics STTS2002 Datasheet HTML 21Page - STMicroelectronics STTS2002 Datasheet HTML 22Page - STMicroelectronics STTS2002 Datasheet HTML 23Page - STMicroelectronics STTS2002 Datasheet HTML 24Page - STMicroelectronics STTS2002 Datasheet HTML 25Page - STMicroelectronics STTS2002 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Temperature sensor registers
STTS2002
22/52
Doc ID 15389 Rev 5
4.2.5
Event output pin functionality
The STTS2002 EVENT pin is an open drain output that requires a pull-up to VDD on the
system motherboard or integrated into the master controller. EVENT has three operating
modes, depending on configuration settings and any current out-of-limit conditions. These
modes are interrupt, comparator or critical.
In interrupt mode the EVENT pin will remain asserted until it is released by writing a ‘1’ to
the “Clear Event” bit in the status register. The value to write is independent of the EVENT
polarity bit.
In comparator mode the EVENT pin will clear itself when the error condition that caused the
pin to be asserted is removed.
In the critical mode the EVENT pin will only be asserted if the measured temperature
exceeds the critical limit. Once the pin has been asserted, it will remain asserted until the
temperature drops below the critical limit minus hysteresis. Figure 9 on page 23 illustrates
the operation of the different modes over time and temperature.
When the hysteresis bits (bits 10 and 9) are enabled, hysteresis may be used to sense
temperature movement around trigger points. For example, when using the “above alarm
window” bit (temperature register bit 14, see Table 12 on page 24) and hysteresis is set to
3 °C, as the temperature rises, bit 14 is set (bit 14 = 1). The temperature is above the alarm
window and the temperature register contains a value that is greater than the value set in
the alarm temperature upper boundary register (see Table 16 on page 26).
If the temperature decreases, bit 14 will remain set until the measured temperature is less
than or equal to the value in the alarm temperature upper boundary register minus 3 °C (see
Figure 8 on page 21 and Table 10 on page 21 for details.
Similarly, when using the “below alarm window” bit (temperature register bit 13, see Table 12
on page 24) will be set to '0'. The temperature is equal to or greater than the value set in the
alarm temperature lower boundary register (see Table 17 on page 26). As the temperature
decreases, bit 13 will be set to '1' when the value in the temperature register is less than the
value in the alarm temperature lower boundary register minus 3 °C (see Figure 8 on
page 21 and Table 10 on page 21 for details.
The device will retain the previous state when entering the shutdown mode. If the device
enters the shutdown mode while the EVENT pin is low, the shutdown current will increase
due to the additional event output pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com