Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 17 Page - Texas Instruments

Part # FDMS8680
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 17 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
=
£
p ´
´
SW
0
OUT
f
1
f
2
ESR C
3
9
+
8
PWM
VDDQSNS
REFIN
6
VREF
Control
Logic
and
Driver
R1
R2
14
11
DRVH
DRVL
+
1.8 V
V
IN
Lx
ESR
C
OUT
R
LOAD
UDG-10136
High-Side
MOSFET
Low-Side
MOSFET
VDDQ
TPS51916
www.ti.com
SLUSAE1D – DECEMBER 2010 – REVISED JUNE 2012
D-CAP™ Mode
Figure 35 shows a simplified model of D-CAP™ mode architecture.
Figure 35. Simplified D-CAP™ Model
The VDDQSNS voltage is compared with REFIN voltage. The PWM comparator creates a set signal to turn on
the high-side MOSFET. The gain and speed of the comparator is high enough to maintain the voltage at the
beginning of each on-cycle (or the end of each off-cycle) to be substantially constant. The DC output voltage
monitored at VDDQ may have line regulation due to ripple amplitude that slightly increases as the input voltage
increase. The D-CAP™ mode offers flexibility on output inductance and capacitance selections with ease-of-use
without complex feedback loop calculation and external components. However, it does require a sufficient level
of ESR that represents inductor current information for stable operation and good jitter performance. Organic
semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended.
The requirement for loop stability is simple and is described in Equation 1. The 0-dB frequency, f0 defined in
Equation 1, is recommended to be lower than 1/3 of the switching frequency to secure proper phase margin.
where
•
ESR is the effective series resistance of the output capacitor
•
COUT is the capacitance of the output capacitor
•
fsw is switching frequency
(1)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com